PART |
Description |
Maker |
AT76C505 |
AT76C505 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, Full-speed (12 Mbps) USB Interface, On-chip Boot-ROM, integrated 6K x 32-bit Internal SRAM, 128- CABGA Package, 3.3V operation, Integrated 802.11b baseband proc 802.11b Media Access Controller (MAC) and Baseband with USB Interface
|
ATMEL[ATMEL Corporation]
|
AT76C504 |
AT76C504 single-chip MAC and Baseband with low power ARM7TDMI?RISC processor, 16-bit PCMCIA Bus Interface, integrated 6K x 32-bit Internal SRAM, 160- BGA Package, 3.3V operation, Integrated 802.11b baseband processor supports Antenna Dive
|
Atmel
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
PMB8870 |
single chip baseband IC
|
INFINEON[Infineon Technologies AG]
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MAB8031AH-2-12WP MAF8031A-2A MAF8031A-2N MAF8031AH |
Circular Connector; No. of Contacts:5; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:15-5 RoHS Compliant: No (MAF8031AH / MAF8051AH) SINGLE CHIP 8 BIT MICROCONTROLLER SINGLE CHIP 8 BIT MICROCONTROLLER 8-BIT, MROM, 15 MHz, MICROCONTROLLER, PDIP40 SINGLE CHIP 8 BIT MICROCONTROLLER 单芯位微控制 SINGLECHIP8BITMICROCONTROLLER (SCN8031Hxxx) Single-Chip 8 Bit Microcontroller
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
PHILIPS
|
BCM43362KUBG BCM43362SKUBGT |
Single-Chip IEEE 802.11?b/g/n MAC/Baseband/Radio SDIO
|
Cypress Semiconductor
|
BCM4354KKWBGT |
Single-Chip 5G Wi-Fi IEEE 802.11ac 2×2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
|
Cypress Semiconductor
|
BCM4339XKUBGT |
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
|
Cypress Semiconductor
|
BCM43455 BCM43455XKUBGT |
Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
|
Cypress Semiconductor
|